Part Number Hot Search : 
CM2114 NCP5314 BU208 H8S2370R TA1815D 4063AP 02100 75558P
Product Description
Full Text Search
 

To Download 1206D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202D - 1210D 1202FD - 1210FD 1202UFD - 1210UFD
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1202D 1206D 1210D 1202FD 1206FD 1210FD 1202UFD 1206UFD 1210UFD Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.1 1.1 1.1 1.5 1.5 1.5 1.7 1.7 1.7
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
150 150 150 100 100 100 100 100 100
25 25 25 20 20 20 20 20 20
3000 3000 3000 150 150 150 70 70 70
21 21 21 21 21 21 21 21 21
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55C to +150C Stg. Temp.= -55C to +150C
10
.625 (15.87)
.275(6.98) .040(1.02) DIA. .200(5.08)
_
AC
AC
_
+
AC
+
.110(2.79) .50(12.7) MIN.
.825 (20.95)
AC
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
233
1202D - 1210D * 1202FD - 1210FD * 1202UFD - 1210UFD
3.5 3 Maximum Current (I) Forward Voltage (V) 2.5 2 1.5 1 0.5 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.4 2.2 2.0 1.8 1.6 1.4 1.2
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
1200FD 1200UFD
1200D
1.0 0.8 0.6 0 3 6 9 Forward Current (A) 12 15
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
234


▲Up To Search▲   

 
Price & Availability of 1206D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X